PART |
Description |
Maker |
IDT71V3558SA133PFGI IDT71V3558SA100BGG IDT71V3558S |
3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/3.3V I/O 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O/ Burst Counter Pipelined Outputs 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.3V的I / O的脉冲计数器输出流水 TV 6C 6#12 SKT WALL RECP Circular Connector; No. of Contacts:41; Series:D38999; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
IDT Integrated Device Technology, Inc.
|
AS7C33256NTF32_36A AS7C33256NTF32-36A.V.1.1 AS7C33 |
3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 32 ZBT SRAM, 8.5 ns, PQFP100 3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 32 ZBT SRAM, 10 ns, PQFP100 3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 36 ZBT SRAM, 8.5 ns, PQFP100 3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 36 ZBT SRAM, 7.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 36Vz 7mA-Izt 0.05 5uA-Ir 27.4Vr DO41-GLASS 5K/REEL From old datasheet system NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IDT71V3557S75PF IDT71V3557S85PF IDT71V3557S80PF ID |
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs 128K的3656 × 18.3V的同步ZBT SRAM.3V的I / O的脉冲计数器,流量,通过输出 128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs 128K X 36 ZBT SRAM, 7.5 ns, PBGA119
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
MCM63Z818TQ133R MCM63Z818TQ100 MCM63Z736TQ133R |
128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM 256K X 18 ZBT SRAM, 4.2 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM 256K X 18 ZBT SRAM, 5 ns, PQFP100
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
IDT71V2559S75BG IDT71V2559S75BG8 IDT71V2559S75BQ I |
3.3V 256K x 18 ZBT Synchronous Flow-Through SRAM w/2.5V I/O 3.3V 128Kx36 ZBT Synchronous Flow-Through SRAM with 2.5V I/O
|
IDT
|
IS61NP25618-100B IS61NP25618-100B2 IS61NP25618-100 |
256K X 18 ZBT SRAM, 5 ns, PBGA119 PLASTIC, BGA-119 256K X 18 ZBT SRAM, 5 ns, PQFP100
|
MERITEK Electronics, Corp. Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
GS881Z36T-100I GS881Z36T-11I GS881Z36T-66T |
256K X 36 ZBT SRAM, 18 ns, PQFP100 TQFP-100 8Mb Pipelined and Flow Through Synchronous NBT SRAMs
|
GSI Technology, Inc. http://
|
GS8162Z72CC-250 GS8162Z72CC-150 GS8162Z72CC-150I G |
18Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 72 ZBT SRAM, 5.5 ns, PBGA209 18Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 72 ZBT SRAM, 7.5 ns, PBGA209 18Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 72 ZBT SRAM, 6.5 ns, PBGA209
|
GSI Technology, Inc.
|
AS7C33256FT32_36A AS7C33256FT32_36A.V1.1 AS7C33256 |
3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
CY7C1355B-117BGI CY7C1355B-117BZC CY7C1355B-117BGC |
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 9 - MB的(256 × 36/512K × 18)流体系结构,通过与总线延迟静态存储器 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7.5 ns, PBGA165 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 6.5 ns, PBGA165 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
MCM63Z818TQ100R MCM63Z818TQ100 MCM63Z818TQ133R MCM |
128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
|
Motorola, Inc MOTOROLA[Motorola Inc]
|